11 single ended gx 3.50 c/w 250 55 75 180 parameter symbol min typ max units test conditions common source power gain drain efficiency total device dissipation junction to case thermal resistance maximum junction temperature storage temperature drain to source voltage gate to source voltage -65 c to 150 c c v load mismatch tolerance vswr relative 0.13 7.50 ids = ma, vgs = -8v idq = a, vds = v, f = 0.13 bvdss drain breakdown voltage v idq = idq = 0.13 2,000 polyfet rf devices 1110 avenida acaso, camarillo, ca 93012 tel:(805) 484-4210 fax: (805) 484-3393 email:sell@polyfet.com url:www.polyfet.com 2,000 2,000 v parameter symbol min typ max units test conditions electrical characteristics ( each side ) rf characteristics ( 50.0 absolute maximum ratings ( t = gps 48.0 a, vds = v, f = a, vds = v, f = 48.0 48.0 watts mhz mhz mhz watts package style 50.0 high efficiency, linear high gain, low noise general description vds = ? db % o o o o o rf power gan transistor revision 09/09/2013 2 25 c ) watts output ) 200 polyfet rf devices GX2441 10:1 rohs compliant v -10 to + polyfet's gan (on sic) hemt power transistors contain no internal matching; making them suitable for both broadband and narrow band applications. the use of a thermally enhanced package enables this device to have superior heat dissipation properties. the high drain break down voltage permits this device to operate over a wide voltage range. 4.0 0.37 7.5 2.0 v, vgs = -8v ciss crss coss vds = idss ma pf pf pf common source output capacitance common source feedback capacitance common source input capacitance vgs zero bias drain current gate bias for drain current v 48.0 vds = vgs =-8v, f = 1 mhz 48.0 vds = vgs =-8v, f = 1 mhz 48.0 vds = vgs =-8v, f = 1 mhz 48.0 -2.5 0.13a 6.80 idsat saturation current amp vgs = +2v, vds = 10v ids = 48.0 v suitable for use across 1-3000mhz
polyfet rf devices pout vs pin graph broadband performance broadband performance broadband performance package dimensions in inches GX2441 1110 avenida acaso, camarillo, ca 93012 tel:(805) 484-4210 fax: (805) 484-3393 email:sell@polyfet.com url:www.polyfet.com revision 09/09/2013 tolerance .xx +/-0.01 .xxx +/-.005 inches broadband performance
|